Part Number Hot Search : 
4749A MJ10004 74LV2 GBS304 2N5225 3N60E MP2361DK 11N80C
Product Description
Full Text Search
 

To Download AD5290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
256-position +2.7V to +30V Single Supply Operation 2.7V to 15V Dual Supply Operation End-to-end resistance 10 k, 50 k, 100 k Low temperature coefficient 35 ppm/C Power-on preset to midscale SPI compatible interface Automotive temperature range -40C to +105C Compact MSOP-10 (3 mm x 4.9 mm) package APPLICATIONS Programmable Gain and Offset Programmable Power Supply Industrial Actuator Control LED Array Driver Audio Volume Control General Purpose DAC Replacement Mechanical Potentiometer Replacement
Compact +30V/15V 256-Position Digital Potentiometer AD5290
MSOP-10 package. AD5290 can be operated from a single supply +2.7 V to +30 V or dual supply 2.7 V to 15 V. All parts are guaranteed to operate over the automotive temperature range of -40C to +105C.
FUNCTIONAL BLOCK DIAGRAM
AD5290
SDO
Q 8-Bit SERIAL REG
VDD A
8
8-Bit LATCH
8
W B VSS
SDI CLK CS
D
CK
RS
GENERAL OVERVIEW
The AD5290 is a low cost, compact 2.9 mm x 3 mm +30V/15V, 256-position digital potentiometer. This device performs the same electronic adjustment function as mechanical potentiometers or variable resistors, with enhanced resolution, solid-state reliability, and superior low temperature coefficient performance. The wiper settings are controllable through an SPI compatible digital interface. The resistance between the wiper and either end point of the fixed resistor varies linearly with respect to the digital code transferred into the RDAC latch. The AD5290 is available in 10k, 50k, and 100k in compact
POR
DG ND
Figure 1.
Note: The terms digital potentiometer and RDAC are used interchangeably.
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. www.analog.com Tel: 781.329.4700 Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
Preliminary Technical Data ELECTRICAL CHARACTERISTICS--10 k, 50 k, 100 k VERSIONS
(VDD/VSS = 15V10% or 5V10%, VA = +VDD, VB = VSS/0V, -40C < TA < +105C unless otherwise noted)
AD5290
Table 1.
Parameter DC CHARACTERISTICS--RHEOSTAT MODE Resistor Differential Nonlinearity2 Resistor Integral Nonlinearity2 Nominal Resistor Tolerance3 Resistance Temperature Coefficient Wiper Resistance Symbol R-DNL R-INL RAB (RAB/RAB)/T*106 RW Conditions RWB, VA = no connect RWB, VA = no connect TA = 25C VAB = VDD, Wiper = no connect VDD = 30 V VDD = 5 V Min -1 -2 -30 Typ1 0.1 0.25 35 50 200 120 400 8 +1 +1 0 3 VDD 45 60 1 2.4 0.8 4.9 0.4 1 5 Dual Supply Range Single Supply Range, VSS = 0V VIH = 5 V or VIL = 0 V, VDD = +5 V VIH = 5 V or VIL = 0 V, VDD = +15 V VIH = 5 V or VIL = 0 V, VSS = 5 V or -15 V VIH = 5 V or VIL = 0 V, VDD = +15 V, VSS = -15 V VDD = +15V 10%, or VSS = -15V 10%, Code = Midscale RAB = 10 k/50 k/100 k, Code = 0x80 2.7 +2.7 0.1 0.75 0.02 11 0.01 16.5 +30 10 2 0.1 30 0.02 Max +1 +2 +30 Unit LSB LSB % ppm/C Bits LSB LSB ppm/C LSB LSB V pF pF nA V V V V A pF V V A mA mA mW %/%
DC CHARACTERISTICS--POTENTIOMETER DIVIDER MODE Resolution N 4 Differential Nonlinearity DNL Integral Nonlinearity4 INL Voltage Divider Temperature Coefficient (VW/VW)/T*106 Full-Scale Error VWFSE Zero-Scale Error VWZSE RESISTOR TERMINALS Voltage Range5 VA,B,W Capacitance6 A, B CA,B Capacitance6 W Common-Mode Leakage DIGITAL INPUTS AND OUTPUTS Input Logic High Input Logic Low Output Logic High Output Logic Low Input Current Input Capacitance POWER SUPPLIES Power Supply Range Power Supply Range Supply Current6 Supply Current Supply Current Power Dissipation7 Power Supply Sensitivity CW ICM VIH VIL VOH VOL II CI VDD/VSS VDD IDD IDD ISS PDISS PSS
-1 -1 Code = 0x80 Code = 0xFF Code = 0x00 -3 0 VSS f = 1 MHz, measured to GND, Code = 0x80 f = 1 MHz, measured to GND, Code = 0x80 VA = VB = VW VDD = +5V or +15V VDD = +5V or +15V RL = 2.2 k to +5 V IOL = 1.6mA, VLOGIC = +5V, VDD = +15V VIN = 0 V or +15 V
0.1 0.3 5 -1 1
DYNAMIC CHARACTERISTICS6, 8 Bandwidth -3dB
BW
525/125/60
kHz
Rev. Pr C | Page 2 of 11
Preliminary Technical Data
Total Harmonic Distortion VW Settling Time (10 k/50 k/100 k) Resistor Noise Voltage Density THDW tS eN_WB VA =1 V rms, VB = 0 V, f = 1 kHz, RAB = 10 k VA = 5 V, VB = 0 V, 1 LSB error band RWB = 25 k 0.05 4 14
AD5290
% s nV/Hz
Rev. Pr C | Page 3 of 11
Preliminary Technical Data TIMING CHARACTERISTICS-- 10 k, 50 k, 100 k VERSIONS
(VDD/VSS = 15V10% or 5V10%, VA = +VDD, VB = 0V, -40C < TA < +105C unless otherwise noted.)
AD5290
Table 2.
Parameter Symbol Conditions SPI INTERFACE TIMING CHARACTERISTICS6, 8,9 (Specifications Apply to All Parts) Clock Frequency fCLK Input Clock Pulsewidth tCH, tCL Clock level high or low Data Setup Time tDS Data Hold Time tDH CLK to SDO Propagation Delay tPD RPU = 1K, CL < 20pF CS Setup Time CS High Pulsewidth CLK Fall to CS Fall Hold Time CLK Fall to CS Rise Hold Time CS Rise to Clock Rise Setup tCSS tCSW tCSH0 tCSH1 tCS1 Min Typ1 Max 4 120 30 20 10 120 150 TBD 120 120 Unit MHz ns ns ns ns ns ns ns ns ns
100
NOTES 1. Typical specifications represent average readings at +25C and VDD = 5 V. 2. Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. 3. VAB = VDD, Wiper (VW) = no connect. 4. INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA=VDD and VB=0 V. 5. Resistor terminals A, B, W have no limitations on polarity with respect to each other. 6. Guaranteed by design and not subject to production test. 7. PDISS is calculated from (IDD x VDD+ ISS x VSS) CMOS logic level inputs result in minimum power dissipation. 8. All dynamic characteristics use VDD / VSS = 5 V. 9. See timing diagram for location of measured values. All input control voltages are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
Rev. Pr C | Page 4 of 11
Preliminary Technical Data ABSOLUTE MAXIMUM RATINGS1
(TA = +25C, unless otherwise noted.) Table 3.
Parameter VDD to VSS VDD to GND VSS to GND VA, VB, VW to GND Maximum Current IWB, IWA Pulsed IWB Continuous (RWB 1 k, A open)1 IWA Continuous (RWA 1 k, B open)1 Digital Inputs Voltage to GND Digital Output Voltage to GND Operating Temperature Range Maximum Junction Temperature (TJMAX) Value -0.3 V to +33 V -0.3 V to +33 V +0.3 V to -16.5 V VSS , VDD 20 mA 5 mA 5 mA VDD + 0.3 V 0 V, +30 V -40C to +105C 150C Storage Temperature Lead Temperature (Soldering, 10 - 30 sec) Thermal Resistance2 JA: MSOP-10
AD5290
-65C to +150C 245C 230C/W
NOTES 1 Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and maximum applied voltage across any two of the A, B, and W terminals at a given resistance. 2 Package power dissipation = (TJMAX - TA)/JA.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Rev. Pr C | Page 5 of 11
Preliminary Technical Data PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A B
1 2 10 W 9 VDD
AD5290
VSS 3 GND 4 CS
5
AD5290
TOP VIEW
8 SDO 7 SDI 6 CLK
Figure 2. AD5290 Pin Configuration
Table 7. AD5290 Pin Function Descriptions
Pin 1 2 3 4 5 6 7 8 Menmonic A B VSS GND CS CLK SDI SDO Description A Terminal. VSS VA VDD B Terminal. VSS VB VDD Negative Supply. Connect to zero volts for single supply applications. Digital Ground. Chip Select Input, Active Low. When CS returns high, data will be loaded into the Wiper Register Serial Clock Input. Positive edge triggered Serial Data Input Pin. Shifts in one bit at a time on positive clock CLK edges. MSB loaded first. Serial Data Output Pin. Internal N-Ch FET with open-drain output that requires external pullup resistor. It shifts out the previous 8 SDI bits that allows daisy-chain operation of multiple packages Positive Power Supply W Terminal. VSS VW VDD
9 10
VDD W
Rev. Pr C | Page 6 of 11
Preliminary Technical Data
AD5290
SPI Interface
1
SDI
D7
0 1
D6
D5
D4
D3
D2
D1
D0
Table 4. AD5290 Serial Data-Word Format
B7 D7 MSB 27 B6 D6 B5 D5 B4 D4 B3 D3 B2 D2 B1 D1 B0 D0 LSB 20
CLK
0 1
RDAC REGISTER LOAD
CS
0 1
VOUT
0
Figure 3. AD5290 SPI Interface Timing Diagram (VA = VDD, VB = 0 V, VW = VOUT)
1 SDI (DATA IN)
Dx
0 1
Dx tCH tDS tCH tCS1
CLK 0
tCSHO tCSS
1 CS 0
tCL
tCSH1
tCSW tS
VDD
VOUT 0 1LSB
Figure 2. SPI Interface Detailed Timing Diagram (VA = VDD, VB = 0 V, VW = VOUT)
Rev. Pr C | Page 7 of 11
Preliminary Technical Data OPERATION
The AD5290 is a 256-position digitally controlled variable resistor device that can be controlled digitally through SPI interface. An internal power-on preset places the wiper at midscale during power-on, which simplifies the fault condition recovery at power-up.
AD5290
Since a finite wiper resistance of 60 is present in the zeroscale condition, care should be taken to limit the current flow between W and B in this state to a maximum pulse current of no more than 20 mA. Otherwise, degradation or possible destruction of the internal switch contact can occur. Similar to the mechanical potentiometer, the resistance of the RDAC between the wiper W and terminal A also produces a complementary resistance RWA. When these terminals are used, the B terminal can be opened or shorted to W. Setting the resistance value for RWA starts at a maximum value of resistance and decreases as the data loaded in the latch increases in value. The general equation for this operation is
DETERMINING THE VARIABLE RESISTANCE AND VOLTAGE
Rheostat Mode Operation
If only the W-to-B or W-to-A terminals are used as variable resistors, the unused terminal can be opened or shorted with W. This operation is called rheostat mode (Figure 3).
A W A W A W
03437-0-050
R WA (D) =
256 - D x R AB + R W 256
(2)
B
B
B
Table 2. RWA vs. Codes; RAB =10 k and B Terminal Is Opened
D (Dec) 255 128 1 0 RWA () 60 5060 10020 10060 Output State Full-Scale Midscale 1 LSB Zero-Scale
Figure 3. Rheostat Mode Configuration
The nominal resistance (RAB) of the RDAC has 256 contact points accessed by the wiper terminal, plus the B terminal contact if RWB is considered. The 8-bit data in the RDAC latch is decoded to select one of the 256 settings. Assuming that a 10 k part is used, the wiper's first connection starts at the B terminal for data 0x00. Such connection yields a minimum of 60 resistance between terminals W and B because of the 60 wiper contact resistance. The second connection is the first tap point, which corresponds to 99 (RWB = (1) x RAB/256 + RW) for data 0x01, and so on. Each LSB data value increase moves the wiper up the resistor ladder until the last tap point is reached at 10020 ((255) x RAB/256 + RW). Figure 6 shows a simplified diagram of the equivalent RDAC circuit. The general equation determining RWB is
The typical distribution of the resistance tolerance from device to device is process lot dependent, and it is possible to have 30% tolerance.
A RS
D7 D6 D5 D4 D3 D2 D1 D0
RS RS W
D R WB (D) = x R AB + R W 256
where:
(1)
RDAC
RW
LATCH RS AND DECODER
D is the decimal equivalent of the 8-bit binary code. RAB is the end-to-end resistance. RW is the wiper resistance contributed by the on-resistance of the internal switch. Table 1. RWB vs. Codes; RAB = 10 k and the A Terminal Is Opened
D (Dec) 255 128 1 0 RWB () 10020 5060 99 60 Output State Full-Scale (RAB + RW) Midscale 1 LSB Zero-Scale (Wiper Contact Resistance)
B
Figure 6. AD5290 Equivalent RDAC Circuit
Potentiometer Mode Operation
If all three terminals are used, the operation is called the potentiometer mode. The most common configuration is the voltage divider operation (Figure 7).
Rev. Pr C | Page 8 of 11
Preliminary Technical Data
VI A W VO
03437-0-051
AD5290
The data setup and data hold times in the specification table determine the valid timing requirements. The AD5290 uses an 8-bit serial input data register word that is transferred to the internal RDAC register when the CS returns to logic high. If dataword contains more than 8-bit, the extra MSB bits will be ignored.
B
Figure 7. Potentiometer Mode Configuration
Ignoring the effect of the wiper resistance, the transfer function
is simply
ESD PROTECTION
All digital inputs are protected with a series input resistor and parallel Zener ESD structures shown in 8 and Figure 9. This applies to the digital input pins SDI, CLK, and CS.
340 LOGIC
D VW (D) = VA 256
A more accurate calculation, which includes the wiper resistance effect, yields
(3)
VSS
D R AB + R W 256 VW (D) = VA R AB + 2R W
Figure 8. ESD Protection of Digital Pins
(4)
A,B,W
If there is an applied voltage at the B terminal, then the transfer function becomes
VSS
D 256 - D VW (D ) = VA + VB 256 256
Figure 9. ESD Protection of Resistor Terminals
(5)
Unlike in rheostat mode operation where the absolute tolerance is high, potentiometer mode operation yields an almost ratiometric function of D/256 with a relatively small error contributed by the RW terms, and therefore the tolerance effect is almost cancelled. Although the thin film step resistor RS and CMOS switches resistance RW have very different temperature coefficients, the ratiometric adjustment also reduces the overall temperature coefficient effect to 5 ppm/C, except at low value codes where RW dominates. Potentiometer mode operations include others such as op amp input, feedback resistor networks, and other voltage scaling applications. A, W, and B terminals can in fact be input or output terminals provided that |VA|, |VW|, and |VB| do not exceed |VDD| and |VSS|.
TERMINAL VOLTAGE OPERATING RANGE
The AD5290 VDD and GND power supply defines the boundary conditions for proper 3-terminal digital potentiometer operation. Supply signals present on terminals A, B, and W that exceed VDD or GND will be clamped by the internal forward biased diodes (see Figure 10).
VDD
A
W
B VSS
Figure 10. Maximum Terminal Voltages Set by VDD and VSS
SPI COMPATIBLE 3-WIRE SERIAL BUS
The AD5290 contains a 3-wire SPI compatible digital interface (SDI, CS, and CLK). The 8-bit serial word must be loaded MSB first. The format of the word is shown in Table . The positive-edge sensitive CLK input requires clean transitions to avoid clocking incorrect data into the serial input register. Standard logic families work well. CS should start high, when it goes low, the clock loads data into the serial register on each positive clock edge (see Figure 3).
POWER-UP SEQUENCE
Since the ESD protection diodes limit the voltage compliance at terminals A, B, and W (see Figure 10), it is important to power VDD-to-GND and VSS-to-GND before applying any voltage to terminals A, B, and W; otherwise, the diode will be forward biased such that VDD will be powered unintentionally and may affect the rest of the user's circuit. The ideal power-up sequence is in the following order: GND, VSS,VDD, digital inputs, and then
Rev. Pr C | Page 9 of 11
Preliminary Technical Data
VA/B/W. The relative order of powering VA, VB, VW, and the digital inputs is not important as long as they are powered after VDD and VSS with respect to GND.
m
AD5290
VDD
LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to employ compact, minimum lead length layout design. The leads to the inputs should be as direct as possible with a minimum conductor length. Ground paths should have low resistance and low inductance. Similarly, it is also a good practice to bypass the power supplies with quality capacitors for optimum stability. Supply leads to the device should be bypassed with disc or chip ceramic capacitors of 0.01 F to 0.1 F. Low ESR 1 F to 10 F tantalum or electrolytic capacitors should also be applied at the supplies to minimize any transient disturbance and low frequency ripple (see Figure 4). Note that the digital ground should also be joined remotely to the analog ground at one point to minimize the ground bounce.
uC
MO SI SDI
AD5290 U1
SD O CS CL K
Rp 2 .2 K
SD I
AD5290 U2
SDO CS CL K
SCLK SS
Figure 12. Daisy Chain Configuration
AD5290
Figure 4. Power Supply Bypassing
DAISY CHAIN OPERATION
The serial data output pin (SDO) can be used to daisy chain multiple devices for simultaneous operations, see Figure 12. The SDO pin contains an open drain N-Ch FET and requires a pullup resistor. Users need to tie the SDO pin of one package to the SDI pin of the next package. If many devices are daisy-chained, users may need to increase the clock period to accommodate the time delay introduced by the pull-up resistors and the capacitive loading at the SDO-SDI interface, see Figure 12. If two AD5290 are daisy chained, this requires total 16 bits of data. The first 8 bits goes to U2 and the second 8 bits goes to U1. The CS should be kept low until all 16 bits are clocked into their respective serial registers. The CS is then pulled high to complete the operation.
Rev. Pr C | Page 10 of 11
Preliminary Technical Data OUTLINE DIMENSIONS
3.00 BSC
10 6
AD5290
3.00 BSC
1 5
4.90 BSC
PIN 1 0.50 BSC 0.95 0.85 0.75 0.15 0.00 0.27 0.17 COPLANARITY 0.10 COMPLIANT TO JEDEC STANDARDS MO-187BA 1.10 MAX 8 0 0.80 0.60 0.40
SEATING PLANE
0.23 0.08
Figure 5. 10-Lead Mini Small Outline Package [MSOP] (RM-10) Dimensions shown in millimeters
Ordering Guide
Model1 AD5290YRMZ10 AD5290YRMZ10-RL7 AD5290YRMZ50 AD5290YRMZ50-RL7 AD5290YRMZ100 AD5290YRMZ100-RL7 AD5290EVAL RAB (k) 10 10 50 50 100 100 Temperature Range -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C Package Description MSOP-10 MSOP-10 MSOP-10 MSOP-10 MSOP-10 MSOP-10 Evaluation Board Package Option RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 Branding D4U D4U D4T D4T D4V D4V
NOTES: 1. Z in Model Number denotes Lead Free Package
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. Pr C | Page 11 of 11
PR04716-0-5/04(PrC)


▲Up To Search▲   

 
Price & Availability of AD5290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X